PART |
Description |
Maker |
KSA1625KTA KSA1625KBU |
PNP Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
MZ4624 MZ4619 MZ4626 MZ4620 MZ4623 MZ4616 MZ4622 M |
Zener diode, 500 mW, zener voltage 4.7V Zener diode, 500 mW, zener voltage 3V Zener diode, 500 mW, zener voltage 5.6V Zener diode, 500 mW, zener voltage 3.3V Zener diode, 500 mW, zener voltage 4.3V Zener diode, 500 mW, zener voltage 2.2V Zener diode, 500 mW, zener voltage 3.9V Zener diode, 500 mW, zener voltage 2.4V Zener diode, 500 mW, zener voltage 10V Low voltage avalanche passivated silicon oxide zener regulator diodes, 500 mW, zener voltage 6.8V 500 milliwatts glass silicon zener diode, zener voltage 22V 500 milliwatts glass silicon zener diode, zener voltage 51V 500 mW DO-35 Glass Zener Voltage Regulator Diodes 500 milliwatts glass silicon zener diode, zener voltage 62V 500 milliwatts glass silicon zener diode, zener voltage 33V Low voltage avalanche passivated silicon oxide zener regulator diodes, 500 mW, zener voltage 8.2V Zener diode, 500 mW, zener voltage 2V Zener diode, 500 mW, zener voltage 8.2V Zener diode, 500 mW, zener voltage 8.7V Zener diode, 500 mW, zener voltage 9.1V
|
Motorola
|
BZW03 BZW03-C10 BZW03-C100 BZW03-C11 BZW03_1 BZW03 |
Voltage regulator diodes(?靛?绋冲?浜??绠? MB 41C 41#20 SKT RECP MB 32C 32#20 SKT RECP 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE MB 21C 21#16 PIN PLUG 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Voltage regulator diodes 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE MB 21C 21#16 SKT PLUG 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE MB 3C 3#16 SKT PLUG 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE MB 8C 8#20 SKT PLUG 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE MB 3C 3#16 SKT RECP 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE MB 4C 4#12 SKT PLUG 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE MB 8C 8#20 PIN PLUG 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE MB 10C 10#20 PIN PLUG 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Voltage regulator diodes(电压稳压二极 From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MJ10016 ON1971 MJ10015 |
NPN SILICON POWER DARLINGTON TRANSISTORS 50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS From old datasheet system
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MAAL-008624-000000 MAAL-008624-TR3000 MAAL-008624 |
High Dynamic Range Low Noise Amplifier 400 - 500 MHz
|
M/A-COM Technology Solutions, Inc.
|
MAALSS0025SMB MAALSS0025TR MAALSS0025 |
High Dynamic Range Low Noise Amplifier, 400 - 500 MHz
|
MACOM[Tyco Electronics]
|
0405-500L |
500 Watts - 32Volts, 1100μs, 26% UHF Pulsed Radar 400 - 450 MHz
|
Microsemi Corporation
|
JANTX2N6796 JANTX2N6800 JANTX2N6802 JANTXV2N6796 J |
100 V, 200 V, 400 V & 500 V, N-CHANNEL, ENHANCEMENT MODE MOSFET POWER TRANSISTOR
|
List of Unclassifed Man... ETC[ETC] List of Unclassifed Manufacturers
|
SBS822 |
20V, 1A Rectifi er
|
Sanyo Semicon Device
|
|